|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TLMS1102 Vishay Semiconductors Standard 0603 SMD LED 18562 FEATURES * Smallest SMD package 0603 with exceptional brightness 1.6 mm x 0.8 mm x 0.6 mm (L x W x H) e4 * High reliability lead frame based * Temperature range - 40 C to + 100 C * Footprint compatible to 0603 chipled * Wavelength 633 nm (red) * AllnGaP technology * Viewing angle: extremely wide 160 * Grouping parameter: luminous intensity, wavelength * Available in 8 mm tape * IR reflow and TTW soldering * Lead (Pb)-free device APPLICATIONS * Backlight keypads * Navigation systems * Cellular phone displays * Displays for industrial control systems * Automotive features * Miniaturized color effects * Traffic displays DESCRIPTION The new 0603 LED series have been designed in the smallest SMD package. This innovative 0603 LED technology opens the way to * smaller products of higher performance * more design in flexibility * enhanced applications The 0603 LED is an obvious solution for small-scale, high power products that are expected to work reliability in an arduous environment. PRODUCT GROUP AND PACKAGE DATA * Product group: LED * Package: SMD 0603 * Product series: standard * Angle of half intensity: 80 PARTS TABLE PART TLMS1102-GS08 COLOR, LUMINOUS INTENSITY Red, IV = 100 - 250 mcd Document Number 84752 Rev. 1.4, 24-Sep-07 www.vishay.com 1 TLMS1102 Vishay Semiconductors ABSOLUTE MAXIMUM RATINGS1) TLMS1102 PARAMETER Reverse voltage2) Forward current DC Forward current Surge forward current Power dissipation Junction temperature Operating temperature range Storage temperature range Soldering temperature Thermal resistance junction/ ambient acc. Vishay spec mounted on PC board (pad size > 5 mm2) Tamb 40 C, tp 1s,tp/T 0.1 Tamb 60 C tp 10 s TEST CONDITION SYMBOL VR IF IF IFSM PV Tj Tamb Tstg Tsd RthJA VALUE 12 60 30 0.5 90 120 - 40 to + 100 - 40 to + 100 260 480 UNIT V mA mA A mW C C C C K/W Note: 1) Tamb = 25 C, unless otherwise specified 2) Driving the LED in reverse direction is suitable for short term application. OPTICAL AND ELECTRICAL CHARACTERISTICS1) TLMS1102, RED PARAMETER Luminous intensity 2) Dominant wavelength Peak wavelength Angle of half intensity Forward voltage Reverse voltage TEST CONDITION IF = 60 mA IF = 60 mA IF = 60 mA IF = 60 mA IF = 60 mA IR = 10 A SYMBOL IV d p VF VR Cj 6 15 MIN 100 627 633 645 80 2.1 3.0 TYP. MAX 250 639 UNIT mcd nm nm deg V V pF VR = 0, f = 1 MHz Junction capacitance Note: 1) Tamb = 25 C, unless otherwise specified 2) In one Packing Unit IVmax/IVmin 1.6 LUMINOUS INTENSITY CLASSIFICATION GROUP Wa Wb Xa LUMINOUS INTENSITY (MCD) MIN 100 125 160 MAX 160 200 250 www.vishay.com 2 Document Number 84752 Rev. 1.4, 24-Sep-07 TLMS1102 Vishay Semiconductors TYPICAL CHARACTERISTICS Tamb = 25 C, unless otherwise specified 60 50 I F -Forward Current (mA) 40 35 30 25 20 15 10 5 0 0 19530 tp 1 s, tp/T 0.1 V F - Forward Voltage (V) DC 20 40 60 80 100 120 2.20 2.15 2.10 2.05 2.00 1.95 1.90 1.85 1.80 1.75 1.70 1.65 1.60 - 20 red I F = 20 mA 0 20 40 60 80 100 Tamb - Ambient Temperature (C) 19098 Tamb - Ambient Temperature (C) Figure 1. Forward Current vs. Ambient Temperature Figure 4. Forward Voltage vs. Ambient Temperature - Change of Dom. Wavelength (nm) 4 red 3 2 1 0 -1 -2 -3 -4 - 20 IF = 20 mA IF - Forward Current (mA) 100 red 10 d 1 0 20 40 60 80 100 19103 1.0 1.5 2.0 2.5 3.0 19086 Tamb - Ambient Temperature (C) VF - Forward Voltage (V) Figure 2. Change of Dominant Wavelength vs. Ambient Temperature Figure 5. Forward Current vs. Forward Voltage 2.0 I Vrel - Relative Luminous Intensity IV rel - Relative Luminous Intensity 10 red 1.6 1.2 0.8 0.4 0.0 - 20 IF = 20 mA red 1 0.1 0.01 0 20 40 60 80 100 19113 1 10 IF - Forward Current (mA) 100 19091 Tamb - Ambient Temperature (C) Figure 3. Relative Luminous Intensity vs. Amb. Temperature Figure 6. Relative Luminous Intensity vs. Forward Current Document Number 84752 Rev. 1.4, 24-Sep-07 www.vishay.com 3 TLMS1102 Vishay Semiconductors REEL DIMENSIONS in millimeters 19043 www.vishay.com 4 Document Number 84752 Rev. 1.4, 24-Sep-07 TLMS1102 Vishay Semiconductors TAPE DIMENSIONS in millimeters 19044 Document Number 84752 Rev. 1.4, 24-Sep-07 www.vishay.com 5 TLMS1102 Vishay Semiconductors PACKAGE DIMENSIONS in millimeters 19426 www.vishay.com 6 Document Number 84752 Rev. 1.4, 24-Sep-07 TLMS1102 Vishay Semiconductors OZONE DEPLETING SUBSTANCES POLICY STATEMENT It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Document Number 84752 Rev. 1.4, 24-Sep-07 www.vishay.com 7 Legal Disclaimer Notice Vishay Disclaimer All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners. Document Number: 91000 Revision: 18-Jul-08 www.vishay.com 1 |
Price & Availability of TLMS1102 |